PART |
Description |
Maker |
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
UFL-LP-068-A UFL-LP-068-A-L UFL-LP-088-A-L UFL-2LP |
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
|
List of Unclassifed Manufacturers ETC[ETC]
|
U.FL-R-SMT_10 HRMJ-U.FLP HRMJ-U.FLP-ST1 HRMP-U.FLJ |
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 超小型表面贴装同轴连接器-超薄一点九毫米.4毫米交配高度
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
MXC6202G MXC6202N MXC6202H MXC6202M |
Low Power, Low Profile ±2 g Dual Axis Accelerometer with I2C Interface Low Power, Low Profile 卤2 g Dual Axis Accelerometer with I2C Interface Low Power, Low Profile 【2 g Dual Axis Accelerometer with I2C Interface Low Power, Low Profile ?? g Dual Axis Accelerometer with I2C Interface
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
EPA3490G |
Interface Low Profile SMT Dual Transformer
|
PCA[PCA ELECTRONICS INC.]
|
S5795 S57951 |
ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMER
|
Bothhand USA, LP.
|
10B-2001 |
Military-Grade 10BASE-T interface module Coaxial Cable; Coaxial RG/U Type:8; Impedance:52ohm; Conductor Size AWG:13; No. Strands x Strand Size:7 x 21; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
STL81004A STL81004H STL81004X STL81005A STL81005H |
(STL81004x / STL81005x) 1550 nm Laser in Coaxial Package with SM-Pigtail / Low Power From old datasheet system 1550 nm Laser in Coaxial Package with SM-Pigtail Low Power 1550 nm Laser in Coaxial Package with SM-Pigtail,Low Power 1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power 1500 nm Laser, Low Power
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
MAX3120 MAX3120CSA MAX3120CUA MAX3120ESA MAX3120EU |
Low-Profile 3V, 120µA IrDA Infrared Transceiver Low-Profile, 3V, 120uA, IrDA Infrared Transceiver Low-Profile, 3V, 120A, IrDA Infrared Transceiver Low-Profile, 3V, 120μA,IrDA Infrared Transceiver Low-Profile / 3V / 120A / IrDA Infrared Transceiver Low-Profile, 3V, 120レA, IrDA Infrared Transceiver SPECIALTY TELECOM CIRCUIT, PDSO8 Low-Profile 3V, 120µA IrDA Infrared Transceiver SPECIALTY TELECOM CIRCUIT, PDSO8 Low-Profile, 3V, 120??, IrDA Infrared Transceiver
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MTD392N MTD392V MTD393N MTD393V MTD394N MTD394V |
Coaxial transceiver interface
|
MYSON TECHNOLOGY
|
PE-68032 PE-68034 PE-68035 PE-68030 PE-68033 PE-68 |
10Base-T Quad SMT Low-Profile Interface Modules for PCMCIA 10Base - T的四贴片低轮廓接口模块为PCMCIA
|
Pulse Engineering, Inc.
|